Part Number Hot Search : 
MTIL117 DF240S MTIL117 TFS915F 0BG90 MMBD1704 B8M07R 2SK118
Product Description
Full Text Search
 

To Download TR25-800-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TR2.5 SERIES SILICON TRIACS
l l l l l
Sensitive Gate Triacs 2.5 A RMS Glass Passivated Wafer 400 V to 800 V Off-State Voltage Max IGT of 5 mA (Quadrant 1)
MT1 MT2 G
1 2 3 TO-220 PACKAGE (TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
absolute maximum ratings
over operating case temperature (unless otherwise noted)
RATING TR2.5-400-14 TR2.5-600-14 TR2.5-700-14 TR2.5-800-14 SYMBOL VALUE 400 VDRM 600 700 800 IT(RMS) ITSM ITSM IGM PGM PG(AV) TC Tstg TL 2.5 12 14 0.2 1.3 0.3 -40 to +110 -40 to +125 230 A A A A W W C C C V UNIT
Repetitive peak off-state voltage (see Note 1)
Full-cycle RMS on-state current at (or below) 85C case temperature (see Note 2) Peak on-state surge current full-sine-wave (see Note 3) Peak on-state surge current half-sine-wave (see Note 4) Peak gate current Peak gate power dissipation at (or below) 85C case temperature (pulse width 200 m s) Average gate power dissipation at (or below) 85C case temperature (see Note 5) Operating case temperature range Storage temperature range Lead temperature 1.6 mm from case for 10 seconds
NOTES: 1. These values apply bidirectionally for any value of resistance between the gate and Main Terminal 1. 2. This value applies for 50-Hz full-sine-wave operation with resistive load. Above 85C derate linearly to 110C case temperature at the rate of 100 mA/C. 3. This value applies for one 50-Hz full-sine-wave when the device is operating at (or below) the rated value of on-state current. Surge may be repeated after the device has returned to original thermal equilibrium. During the surge, gate control may be lost. 4. This value applies for one 50-Hz half-sine-wave when the device is operating at (or below) the rated value of on-state current. Surge may be repeated after the device has returned to original thermal equilibrium. During the surge, gate control may be lost. 5. This value applies for a maximum averaging time of 20 ms.
electrical characteristics at 25C case temperature (unless otherwise noted)
PARAMETER IDRM Repetitive peak off-state current Peak gate trigger current VD = rated VDRM Vsupply = +12 V IGTM Vsupply = +12 V Vsupply = -12 V Vsupply = -12 V Vsupply = +12 V VGTM Peak gate trigger voltage Vsupply = +12 V Vsupply = -12 V Vsupply = -12 V All voltages are with respect to Main Terminal 1. TEST CONDITIONS IG = 0 RL = 10 W RL = 10 W RL = 10 W RL = 10 W RL = 10 W RL = 10 W RL = 10 W RL = 10 W TC = 110C tp(g) > 20 m s tp(g) > 20 m s tp(g) > 20 m s tp(g) > 20 m s tp(g) > 20 m s tp(g) > 20 m s tp(g) > 20 m s tp(g) > 20 m s 0.9 -1.2 -1.2 1.2 MIN TYP MAX 1 5 -8 -10 25 2.5 -2.5 -2.5 V mA UNIT mA
TR2.5 SERIES SILICON TRIACS
electrical characteristics at 25C case temperature (unless otherwise noted) (continued)
PARAMETER VTM IH IL dv/dt dv/dt(c) Peak on-state voltage Holding current Latching current Critical rate of rise of off-state voltage Critical rise of commutation voltage ITM = 3.5 A Vsupply = +12 V Vsupply = -12 V Vsupply = +12 V Vsupply = -12 V VDRM = Rated VDRM VDRM = Rated VDRM TEST CONDITIONS IG = 50 mA IG = 0 IG = 0 (see Note 7) IG = 0 ITRM = 3.5 A TC = 110C TC = 85C 2 50 (see Note 6) Init' ITM = 100 mA Init' ITM = - 100 mA MIN TYP MAX 1.9 30 -30 40 -40 UNIT V mA mA V/s V/s
All voltages are with respect to Main Terminal 1. NOTES: 6. This parameter must be measured using pulse techniques, tp = 1 ms, duty cycle 2 %. Voltage-sensing contacts separate from the current carrying contacts are located within 3.2 mm from the device body. 7. The triacs are triggered by a 15-V (open circuit amplitude) pulse supplied by a generator with the following characteristics: RG = 100 W , tp(g) = 20 m s, tr = 15 ns, f = 1 kHz.
thermal characteristics
PARAMETER Rq Rq
JC JA
MIN
TYP
MAX 10 62.5
UNIT C/W C/W
Junction to case thermal resistance Junction to free air thermal resistance
TR-2.5 SERIES SILICON TRIACS
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,90 14,55
1,32 1,23
see Note B
see Note C
6,1 3,5
0,97 0,61 1 2 3
1,70 1,07
14,1 12,7
2,74 2,34 5,28 4,88 2,90 2,40
0,64 0,41
VERSION 1
VERSION 2
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm.


▲Up To Search▲   

 
Price & Availability of TR25-800-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X